Part Number Hot Search : 
GSWX26 70022 560M20 21265 U2538B GSE1K5 560M20 NCP1601B
Product Description
Full Text Search
 

To Download RF101A2S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF101A2S
Diodes
Fast recovery diode
RF101A2S
Applications General rectification External dimensions (Unit : mm)
CATHODEBAND (GREEN) 0.60.1
Features 1) Cylindrical mold type. (MSR) 2) Ultra Low VF. 3) Ultra high switching. 4) Low switching loss. 5) High ESD.
291
3.00.2
7
291 2.50.2
ROHM : MSR

Manufacture Date
Taping specifications (Unit : mm) Construction Silicon epitaxial planar
IVORY H2 BLUE A E H2 Mark
Stabdard dimension (mm) value (mm)
B
C
T-31 52.41.5 T-32 26.0+0.4 -0 5.00.5 0.5 0 50.40.4 0.3 H1 6.00.5 H2 5.00.5 L1-L2 0.6 H1(6mm)BROWN
L1 H1 F
L2 H1 D
cf : cumulative pitch tolerance w ith 20 pitch than 1.5mm )201.5mm
Absolute maximum ratings (Ta=25C) Parameter Symbol VRM Reverse voltage (repetitive peak) VR Reverse voltage (DC) Average rectified forward current (*1) Io IFSM Forward current surge peak t=100s Junction temperature Tj Storage temperature Tstg
Limits 200 200 1 20 150 -55 to +150
Unit V V A A
(*1) Mounted on epoxy board. 180Half sine wave
Electrical characteristic (Ta=25C) Parameter Symbol VF Forward voltage IR Reverse current
Reverse recovery time
trr
Min. -
Typ. 0.815 0.01 12
Max. 0.87 10 25
Unit V A ns
Conditions IF=1.0A VR=200V IF=0.5A,IR=1A,Irr=0.25*IR
1/3
RF101A2S
Diodes
Electrical characteristic curves
1 Ta=150 0.1 Ta=125 10000 1000 Ta=150 Ta=125
100
f=1MHz f=1MHz
REVERSE CURRENT:IR(nA)
FORWARD CURRENT:IF(A)
100 Ta=25 10 1 0.1 0.01 Ta=-25
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
200
Ta=75
10
Ta=75 0.01 Ta=25
Ta=-25 0.001 0 100 200 300 400 500 600 700 800 900 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
1
0
50 100 150 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS
0
5 10 15 20 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
25
30
850
100 Ta=25 IF=1A n=30pcs 90 Ta=25 VR=200V n=30pcs
100 90 Ta=25 f=1MHz VR=0V n=10pcs
FORWARD VOLTAGE:VF(mV)
REVERSE CURRENT:IR(nA)
70 60 50 40 30 20 10 AVE:11.1nA
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
840
80
80 70 60 50 40 30 20 10 0 AVE:51.4pF
830
820
810
AVE:818.6mV
800
0 VF DISPERSION MAP IR DISPERSION MAP
Ct DISPERSION MAP
200
30
1000
RESERVE RECOVERY TIME:trr(ns)
PEAK SURGE FORWARD CURRENT:IFSM(A)
150
Ifsm
1cyc 8.3ms
25 20 15 10 5 0
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ta=25 IF=0.5A IR=1A Irr=0.25*IR n=10pcs
Ifsm 8.3ms 8.3ms 1cyc
100
100
AVE:12.2ns
10
50 AVE:63.0A 0 IFSM DISRESION MAP
1 trr DISPERSION MAP 1 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS
Mounted on epoxy board
100
1000
1000
IF=0.5A Rth(j-a) IM=1mA time(s) td=300us Rth(j-l)
2
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm t
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
1.5
DC D=1/2
FORWARD POWER DISSIPATION:Pf(W)
100
100
1
Sin(180)
Rth(j-c)
10
0.5
10 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100
1 0.001
0
0.01 1 10 100 TIME:t(s) Rth-t CHARACTERISTICS 0.1 1000
0
0.5
1
1.5
2
AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS
2/3
RF101A2S
Diodes
3 0A 0V 2 t t V VR D=t/ D=t/T VR=100V T T Tj=150 Io
3
ELECTROSTATIC DISCHARGE TEST ESD(KV)
0A0 0 0V Io t t VR D=t/T T VR=100V T Tj=150
30 No break at 30kV 25 20 AVE:22.6kV 15 10 5
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
DC D=1/2
2
DC D=1/2
1 Sin(180) 0 0 25 50 75 100 125 150
1
Sin(180)
0 0 25 50 75 100 125 150
CASE TEMPARATURE:Tc() Derating Curve(Io-Tc)
0 C=200pF R=0 C=100pF R=1.5k
AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta)
ESD DISPERSION MAP
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of RF101A2S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X